Part Number Hot Search : 
SA22AG C16F63 UNIFOX M3E21XPA 1N973 ZM4750 M50AC N111195
Product Description
Full Text Search
 

To Download TIP31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
TIP31/31A/31B/31C
DESCRIPTION With TO-220C package Complement to type TIP32/32A/32B/32C APPLICATIONS Medium power linear switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL
VCBO
Collector-base voltage

PARAMETER
CONDITIONS
TIP31 TIP31A TIP31B
VCEO
IN
Collector-emitter voltage
ANG CH
TIP31C TIP31
EMIC ES
Open emitter Open base Open collector
OND
TOR UC
40 60 80 100 40 60
VALUE
UNIT
V
TIP31A TIP31B TIP31C
V 80 100 5 3 5 1 V A A A w
VEBO IC ICM IB PC Tj Tstg
Emitter-base voltage Collector current (DC) Collector current-Pulse Base current
TC=25ae Collector power dissipation Ta=25ae Junction temperature Storage temperature
40 2 150 -65~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER TIP31 TIP31A IC=30mA; IB=0 TIP31B TIP31C VCEsat VBE Collector-emitter saturation voltage Base-emitter on voltage TIP31 TIP31A TIP31B TIP31C TIP31/31A TIP31B/31C IC=3A IB=0.375A IC=3A ; VCE=4V VCE=40V; VEB=0 VCE=60V; VEB=0 CONDITIONS
TIP31/31A/31B/31C
SYMBOL
MIN 40 60
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
V 80 100 1.2 1.8 V V
ICES
Collector cut-off current
ICEO IEBO hFE-1 hFE-2 fT
HAN C
0.2 VCE=80V; VEB=0 VCE=100V; VEB=0 VCE=30V; IB=0
mA
Collector cut-off current
Emitter cut-off current DC current gain DC current gain Transiton frequency
IN
SEM GE
VEB=5V; IC=0
VCE=60V; IB=0
OND IC
25 10 3
TOR UC
0.3 1.0
mA
mA
IC=1A ; VCE=4V IC=3A ; VCE=4V IC=0.5A ; VCE=10V
50 MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
TIP31/31A/31B/31C
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
TIP31/31A/31B/31C
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of TIP31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X